| データシートサーチシステム |
|
MPC5644A データシート(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5644A データシート(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 138 page ![]() ADDR16 FR_A_TX DATA16 GPIO[12] External address bus Flexray TX data channel A External data bus GPIO P A1 A2 G 001 010 100 000 12 I/O O I/O I/O VDDE-EH Medium — / Up — / Up — — P3 ADDR17 FR_A_TX_EN DATA17 GPIO[13] External address bus FlexRay ch. A TX data enable External data bus GPIO P A1 A2 G 001 010 100 000 13 I/O O I/O I/O VDDE-EH Medium — / Up — / Up — — P4 ADDR18 FR_A_RX DATA18 GPIO[14] External address bus Flexray RX data ch. A External data bus GPIO P A1 A2 G 001 010 100 000 14 I/O I I/O I/O VDDE-EH Medium — / Up — / Up — — R1 ADDR19 FR_B_TX DATA19 GPIO[15] External address bus Flexray TX data ch. B External data bus GPIO P A1 A2 G 001 010 100 000 15 I/O O I/O I/O VDDE-EH Medium — / Up — / Up — — R2 ADDR20 FR_B_TX_EN DATA20 GPIO[16] External address bus Flexray TX data enable for ch. B External data bus GPIO P A1 A2 G 001 010 100 000 16 I/O O I/O I/O VDDE-EH Medium — / Up — / Up — — R4 ADDR21 FR_B_RX DATA21 GPIO[17] External address bus Flexray RX data channel B External data bus GPIO P A1 A2 G 001 010 100 000 17 I/O I I/O I/O VDDE-EH Medium — / Up — / Up — — T1 ADDR22 DATA22 GPIO[18] External address bus External data bus GPIO P A2 G 001 100 000 18 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — T2 ADDR23 DATA23 GPIO[19] External address bus External data bus GPIO P A2 G 001 100 000 19 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — T3 ADDR24 DATA24 GPIO[20] External address bus External data bus GPIO P A2 G 001 100 000 20 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — T4 ADDR25 DATA25 GPIO[21] External address bus External data bus GPIO P A2 G 001 100 000 21 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — U1 Table 3. MPC5644A signal properties (continued) Name Function1 P A G2 PCR PA Field3 PCR4 I/O Type Voltage5 / Pad Type6 Status7 Package pin # During Reset After Reset 176 208 324 |