| データシートサーチシステム |
|
MPL3115A2R1 データシート(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPL3115A2R1 データシート(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 44 page ![]() MPL3115A2 Sensors Freescale Semiconductor, Inc. 13 Flow chart for FIFO setup Figure 6. FIFO Setup Service interrupt and clear /* Set to Altimeter with an OSR = 128 */ IIC_RegWrite(SlaveAddressIIC, 0x26, 0xB8); /* Set INT to Active Low Open Drain */ IIC_RegWrite(SlaveAddressIIC, 0x28, 0x11); /* Enable Data Flags in PT_DATA_CFG */ IIC_RegWrite(SlaveAddressIIC, 0x13, 0x07); /* I2C Address is 0xC0 */ SlaveAddressIIC = 0xC0 /* Enable FIFO with a Watermark of 10 */ IIC_RegWrite(SlaveAddressIIC, 0x0F, 0x4A); /* Dump FIFO with a multi byte I2C read */ IIC _RegReadN(SlaveAddressIIC, 0x01, 32, &fifo_data[0].Sample.BT.b_msb); Check for interrupt on pin INT2 /* Is SRC_FIFO Set */ (INT_S & 0x40) == TRUE Yes No /* Enable FIFO Interrupt */ IIC _RegWrite(SlaveAddressIIC, 0x29, 0x40); /* Set Active */ IIC_RegWrite(SlaveAddressIIC, 0x26, 0xB9); /* Read INT_SOURCE */ INT_S = IIC_RegRead(SlaveAddressIIC, 0x12); /* Set INT to Active Low Open Drain */ IIC _RegWrite(SlaveAddressIIC, 0x28, 0x11); No /* Read FIFO status, this clears the INT */ F_S = IIC _RegRead(SlaveAddressIIC, 0x0D); /* Is F_WMRK_FLAG Set */ (F_S & 0x40) == TRUE Yes No |