データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4271 データシート(PDF) 20 Page - Siemens Semiconductor Group

部品番号 TLE4271
部品情報  5-V Low-Drop Fixed Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4271 データシート(HTML) 20 Page - Siemens Semiconductor Group

Back Button TLE4271 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 17Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 18Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 19Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 20Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
TLE 4271
Semiconductor Group
20
1998-11-01
A
8˚ max.
B
A
0.25 M
0.1
Typical
9.8 ±0.15
±0.2
10
8.5 1)
0...0.15
7x0.6±0.1
±0.1
1.27
4.4
B
0.5 ±0.1
0.05
1)
0.1
All metal surfaces tin plated, except area of cut.
2.4
6x1.27
P-TO263-7-1
(Plastic Transistor Single Outline Package)
Sorts of Packing
Package outlines for tubes, trays etc. are contained in
our Data Book “Package Information”.
Dimensions in mm
SMD = Surface Mounted Device
GPT05874
10.2
8.0
0.6
6 x 1.27 = 7.62
0.4
0.2
1.27
2.6
4.6
1.27
1)
1) shear and punch direction burr free surface
P-TO220-7-8
(Plastic Transistor Single Outline Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20