| データシートサーチシステム |
|
TLE5216 データシート(PDF) 2 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
TLE5216 データシート(HTML) 2 Page - Siemens Semiconductor Group |
|
2 / 17 page ![]() TLE 5216 G Semiconductor Group 2 1998-06-22 General Description Quad channel Low-Side Switch in Smart Power Technology (SPT) with four separate LOW active inputs and four open drain DMOS output stages. The TLE 5216G is protected by embedded protection functions and designed for automotive and industrial applications. Pin Configuration (top view) Figure 1 Product Summary Parameter Symbol Values Unit Supply voltage V S 6 … 30 V Drain source clamping voltage (OUT1 - OUT4) V DS(AZ)max 75 V ON resistance R ON(typ) 0.35 Ω Output current I D 4 × 2A RESET IN3 IN4 IN2 IN1 GND GND OUT3 OUT2 SEROUT SERIN GND AEP01617 N.C. N.C. GND 13 14 10 15 9 16 8 17 7 18 6 19 5 20 4 3 2 1 VS 11 12 CLK OUT1 OUT4 CS P-DSO-20-10 |