| データシートサーチシステム |
|
A-DFF37LPIII-FP-R データシート(PDF) 1 Page - Assmann Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
A-DFF37LPIII-FP-R データシート(HTML) 1 Page - Assmann Electronics Inc. |
|
|
1 / 1 page ![]() ASSMANN Electronics, Inc. THIS DRAWING IS UNPUBLISHED ©Copyright 2010 by Assmann Electronic Components All International Rights Reserved 1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283 Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com RoHS Compliant ITEM NO. TITLE = Assmann logo A-DFF37LPIII/FP-R D-Sub Flat Ribbon Cable Assembly - 37 pin, Female Unit: MM±0.25MM Quality Control: Important Dimension to check Material: • Insulator: Glass-Filled Thermoplastic PBT, UL94V-0 • Contact: Copper alloy • Shell: SPCC • Clinch Nut: Brass, Nickel Plated • Screwlock: Brass, Nickel Plated • Contact Resistance: 20M Max @1 Amp DC • Insulation Resistance: 1,000M @500V DC • Dielectric Withstanding Voltage: 1,000V AC/ rms 60Hz for 1 minute • Current Rating: 1 Amp • Voltage Rating: 250V AC/rms 60Hz 69.32MM 63.50MM 54.84MM 49.86MM ø3.05MM Clear Hole 10° Cover With Insulator Support 1.27MM 2.54MM 45.72MM 10.6 Strain Relief |
同様の部品番号 - A-DFF37LPIII-FP-R |
|
同様の説明 - A-DFF37LPIII-FP-R |