| データシートサーチシステム |
|
A-MCSSP-80300-R データシート(PDF) 1 Page - Assmann Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
A-MCSSP-80300-R データシート(HTML) 1 Page - Assmann Electronics Inc. |
|
|
1 / 1 page ![]() ASSMANN Electronics, Inc. THIS DRAWING IS UNPUBLISHED ©Copyright 2010 by Assmann Electronic Components All International Rights Reserved 1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283 Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com RoHS Compliant ITEM NO. TITLE = Assmann logo A-MCSSP-80300-R Cat.5e SFTP Patch Cable - 8P8C, Grey, 30 Meters Material: • Plug: YUS-06 8P8C • Conductor: - Wire: Cat.5e SFTP STR - Bare Copper 26AWG 7/0.16±0.015MM • Insulator: - Thickness Min. at any point: 0.15MM - Thickness Max. Avg.: 0.25MM - Diameter: 0.92±0.06MM • Jacket PVC: - Thickness Min. at any point: 0.40MM - Thickness Max. Avg.: 0.50MM - Diameter: 5.6±0.02MM Insulation (Foam Skin) Mylar Type Al-Mylar Type Conductor Jacket 30,000MM±.02MM Braiding lead Cadmium Mercury Chromium PBB PBDE <1,000ppm <1,000ppm <1,000ppm <1,000ppm <1,000ppm <1,000ppm |
同様の部品番号 - A-MCSSP-80300-R |
|
同様の説明 - A-MCSSP-80300-R |