データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F71869AD データシート(PDF) 39 Page - Feature Integration Technology Inc.

部品番号 F71869AD
部品情報  Super I/O Hardware Monitor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINTEK [Feature Integration Technology Inc.]
ホームページ  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869AD データシート(HTML) 39 Page - Feature Integration Technology Inc.

Back Button F71869AD Datasheet HTML 35Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 36Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 37Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 38Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 39Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 40Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 41Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 42Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 43Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
Oct., 2011
V0.19P
39
F71869A
Figure 15 Timing on/off sequence
5.5 S3_Gate#, S3P5_Gate# and S0P5_Gate# Timing
The F71869A provides three additional timing switching pins which are named as S3_Gate#,
S3P5_Gate# and S0P5_Gate#. They can be applied in the certain applications about power switch
which depends on the ACPI states. The detail timing can be referred in the following diagrams.
The default timing of S0P5_Gate# in the S5 state is low, but it can be programmed high by the
register 0x0AF6.
S5
S3
S0
S5
S5#
S3#
PSON#
ATXPWGD
TIMING_1
TIMING_2
TIMING_3
TIMING_4
CPU_PWGD
VDDOK_D400
S0
S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More