| データシートサーチシステム |
|
SP332 データシート(PDF) 8 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP332 データシート(HTML) 8 Page - Sipex Corporation |
|
8 / 10 page ![]() 8 TGoddard/SP332/9617R0 SP332 RS-232/RS-485 Multi-Mode Serial Transceiver © Copyright 2000 Sipex Corporation SEL A 0 0 1 1 SEL B 0 1 0 1 LOOPBACK 1 1 1 1 SHUTDOWN 0 0 0 0 T4 TX4 TI4 1 3 R1 RI1 RX1 15 19 R2 RI2 RX2 16 20 R3 RI3 RX3 17 21 R4 RI4 RX4 18 22 T1 TX1 TI1 6 26 T2 TX2 TI2 7 27 T3 TX3 TI3 4 28 SP332 CONTROL LOGIC CONFIGURATION T1 TX1 6 TI1 26 T2 TI2 TX2 7 27 R1 RI1 RX1 15 19 R2 RX2 RI2 16 20 28 4 TX3 3 TX4 TI3 T3 18 RI4 17 RI3 21 RX3 R3 21 26 T1 6 TX1 TI1 7 TX2 19 15 RI1 RX1 R1 16 RI2 T4 TX4 TI4 1 3 T3 TX3 TI3 4 28 R3 RI3 RX3 17 R4 RI4 RX4 18 22 26 T1 6 TX1 TI1 7 TX2 28 4 TX3 3 TX4 TI3 T3 19 15 RI1 RX1 R1 16 RI2 18 RI4 17 RI3 21 RX3 R3 SEL A 0 0 1 1 SEL B 0 1 0 1 LOOPBACK 0 0 0 0 SHUTDOWN 0 0 0 0 16 17 18 15 RX4 22 RX1 19 RX3 21 T4 TX4 TI4 1 3 R1 RI1 R2 RI2 RX2 20 R3 RI3 R4 RI4 T1 TX1 6 TI1 26 T2 TX2 7 TI2 27 T3 TX3 4 TI3 28 18 RI4 17 RI3 15 T1 TX1 6 TI1 26 T2 TX2 7 TI2 27 R1 RI1 RX1 19 R2 RI2 16 RX2 20 4 TX3 3 TX4 28 TI3 T3 21 RX3 R3 21 26 T1 6 TX1 TI1 7 TX2 19 15 RI1 RX1 R1 16 RI2 T4 TX4 TI4 1 3 T3 TX3 TI3 4 28 R3 RI3 RX3 17 R4 RI4 RX4 18 22 26 T1 6 TX1 TI1 7 TX2 28 4 TX3 3 TX4 TI3 T3 19 15 RI1 RX1 R1 16 RI2 18 RI4 17 RI3 21 RX3 R3 Receiver Inputs are inactive in Loopback Mode (LOOPBACK = 0) Driver Outputs are Tri-Stated in Loopback Mode (LOOPBACK = 0) Unused Outputs are Tri-Stated |