| データシートサーチシステム |
|
CSL-06925P4 データシート(PDF) 79 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
CSL-06925P4 データシート(HTML) 79 Page - Tyco Electronics |
|
79 / 85 page ![]() V-Type™ Manual wire and cable markers 79 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Pre-Printed Wire and Cable Markers Ordering information Size code Marker size Cable diameter Packed mm inches 0761 3 1.4 - 2.8 0.06 - 0.11 1000 0762 5 2.8 - 5.0 0.11 - 0.20 1000 0763 10 4.0 - 10.0 0.16 - 0.39 500 0764 15 8.0 - 16.0 0.31 - 0.63 250 Packaging Code 1 Box 3 Reel Color Code (Available for All Legends) 4 Yellow 9 White Color code (for numbers 0-9 only) Legend Marker Color Ink Color Legend Marker Color Ink Color Legend Marker Color Ink Color 0 Black White 1 Brown White 2 Red White 3 Orange Black 4 Yellow Black 5 Green White 6 Blue White 7 Violet White 8 Gray Black 9 White Black Mark/Legend code Legend Code Legend Code Legend Code 000 J 19 / 38 101 K 20 ~ 39 2 02 L 21 Earth 40 303 M 22 ) 41 4 04 N 23 Blank 42 505 O 24 : 43 606 P 25 , 44 707 Q 26 < 45 808 R 27 > 46 909 S 28 = 47 A10 T 29 . 48 B11 U 30 C12 V 31 D13 W 32 E14 X 33 F15 Y 34 G16 Z 35 H17 + 36 I18 - 37 |