| データシートサーチシステム |
|
73S8024RN-IL/F データシート(PDF) 20 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
73S8024RN-IL/F データシート(HTML) 20 Page - Maxim Integrated Products |
|
20 / 27 page ![]() 73S8024RN Data Sheet DS_8024RN_020 20 Rev. 2 12.6 DC Characteristics Symbol Parameter Condition Min Typ Max Unit IDD Supply Current 2.7 7.0 mA IPC Supply Current VCC on, ICC=0 I/O, AUX1, AUX2=high, Clock not toggling 450 650 µ A IPCOFF VPC supply current when VCC = 0 CMDVCC High 345 550 µ A 12.7 Voltage / Temperature Fault Detection Circuits Symbol Parameter Condition Min Typ Max Unit VDDF VDD fault (VDD Voltage supervisor threshold) No external resistor on VDDF_ADJ pin 2.15 2.4 V VPCF VPC fault (VPC Voltage supervisor threshold) VPC<VCC, a transient event VCC - 0.2 V VCCF VCC fault (VCC Voltage supervisor threshold) VCC = 5v 4.20 4.55 V VCC= 3v 2.5 2.7 V TF Die over temperature fault 115 145 ° C |