データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL7101N データシート(PDF) 4 Page - System Logic Semiconductor

部品番号 SL7101N
部品情報  EARTH LEAKAGE CURRENT DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SLS [System Logic Semiconductor]
ホームページ  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL7101N データシート(HTML) 4 Page - System Logic Semiconductor

  SL7101N Datasheet HTML 1Page - System Logic Semiconductor SL7101N Datasheet HTML 2Page - System Logic Semiconductor SL7101N Datasheet HTML 3Page - System Logic Semiconductor SL7101N Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SL7101
System Logic
Semiconductor
SLS
Typical Application
Description of elements of application diagram
1. The resistance of R1 resistor is chosen in such a way so that to limit IC’s consumption
current (not more than 8 mA), and here the voltage drop is around 21-28V.
2. R2 resistor provides the necessary bias of the differential cascade.
3. R3 resistor is a loading one per input.
4. R4 resistor limits the charging current of C4 electrolytic capacitor are required to maintain
IC performance until the fuse is completely burn out. Its value is chosen correspondingly.
5. C1 electrolytic capacitor is a filtering one as per supply (around 1 – 10
µF ).
6. Ñ2 and C3 capacitors are filtering ones (not more than 1
µF)



Html Pages

1 2 3 4