データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESD-R-12S データシート(PDF) 20 Page - NEC

部品番号 ESD-R-12S
部品情報  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

ESD-R-12S データシート(HTML) 20 Page - NEC

Back Button ESD-R-12S Datasheet HTML 16Page - NEC ESD-R-12S Datasheet HTML 17Page - NEC ESD-R-12S Datasheet HTML 18Page - NEC ESD-R-12S Datasheet HTML 19Page - NEC ESD-R-12S Datasheet HTML 20Page - NEC ESD-R-12S Datasheet HTML 21Page - NEC ESD-R-12S Datasheet HTML 22Page - NEC ESD-R-12S Datasheet HTML 23Page - NEC ESD-R-12S Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
EMI Core
20
Flat Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
Solid / Split Cares
for Flat Cables
[RoHS Compliant]
Solid / Split Cores
for Flat Cables
[RoHS Compliant]
ESD-FPL-14.5-3
14.5
11.0
2.75
3.0
0.80
FPC
・FFC
Fig.3
Thin type
ESD-FPL-14.5-5
14.5
11.0
2.75
5.0
0.80
FPC
・FFC
Fig.3
Thin type
ESD-FPL-14.5-8
14.5
11.0
2.75
8.0
0.80
FPC
・FFC
Fig.3
Thin type
ESD-FPL-14.5-10
14.5
11.0
2.75
10.0
0.80
FPC
・FFC
Fig.3
Thin type
ESD-FPL-16-12
16.0
11.5
4.50
12.0
0.85
8 core
Fig.3
ESD-FPL-18-6
18.0
14.0
5.00
6.0
1.00
FPC
・FFC
Fig.3
ESD-FPL-18-8
18.0
14.0
5.00
8.0
1.00
10 core
Fig.3
ESD-FPL-18-12
18.0
14.0
5.00
12.0
1.00
FPC
・FFC
Fig.3
ESD-FPL-18.7-3
18.7
15.0
2.75
3.0
0.70
FPC
・FFC
Fig.3
Thin type
ESD-FPL-18.7-7
18.7
15.0
2.75
7.0
0.70
FPC
・FFC
Fig.3
Thin type
ESD-FPL-18.7-10
18.7
15.0
2.75
10.0
0.70
FPC
・FFC
Fig.3
Thin type
ESD-FPL-18.7-12
18.7
15.0
2.75
12.0
0.70
FPC
・FFC
Fig.3
Thin type
ESD-FPL-21-8
21.0
17.0
5.00
8.0
0.80
FPC
・FFC
Fig.3
ESD-FPL-21.5-8
21.5
16.5
6.50
8.0
1.30
12 core
Fig.3
ESD-FPL-23.8-7
23.8
18.8
6.30
7.0
1.10
12 core
Fig.3
ESD-FPL-13
23.8
18.8
6.30
15.0
1.10
13 core
Fig.3
ESD-FPL-24-8
24.0
19.0
6.50
8.0
1.30
14 core
Fig.3
ESD-FPL-24.5-6
24.5
20.0
4.50
6.0
0.90
FPC
・FFC
Fig.3
ESD-FPL-24.5-8
24.5
20.0
4.50
8.0
0.90
FPC
・FFC
Fig.3
ESD-FPL-25-12
25.0
21.0
5.00
12.0
0.85
16 core
Fig.3
ESD-FPL-27-8
27.0
22.0
6.50
8.0
1.30
16 core
Fig.3
ESD-FPL-7
28.0
23.5
7.70
7.0
1.50
16 core
Fig.2
ESD-FPL-15
28.0
23.5
7.70
14.6
1.50
16 core
Fig.2
ESD-FPL-28-10
28.0
24.0
5.00
10.0
0.80
FPC
・FFC
Fig.3
ESD-FPL-31-9
31.0
27.0
5.00
9.0
0.55
FPC
Fig.3
Minimal gap type
ESD-FPL-31-12
31.0
27.0
5.00
12.0
0.55
FPC
Fig.3
Minimal gap type
ESD-FPL-32-8
32.0
28.0
5.00
8.0
0.80
FPC
・FFC
Fig.3
ESD-FPL-32-12
32.0
28.0
5.00
12.0
0.80
FPC
・FFC
Fig.3
ESD-FPL-20-12
33.2
27.0
8.00
12.0
1.50
20 core
Fig.3
ESD-FPL-20-15
33.2
27.0
8.00
15.0
1.50
20 core
Fig.3
ESD-FPL-33.5-8
33.5
27.5
6.50
8.0
1.30
20 core
Fig.3
ESD-FPL-33.5-10
33.5
27.5
6.50
10.0
1.30
20 core
Fig.3
ESD-FPL-33.5-12
33.5
27.5
6.50
12.0
1.30
20 core
Fig.3
ESD-FPL-34-15
34.0
30.0
6.00
15.0
0.80
FPC
・FFC
Fig.3
ESD-FPL-35-5
35.0
30.0
8.00
5.0
1.30
22 core
Fig.3
ESD-FPL-35-8
35.0
30.0
8.00
8.0
1.30
22 core
Fig.3
ESD-FPL-16
37.0
25.4
12.00
12.7
1.90
16 core
Fig.1
ESD-FPL-38-12
38.0
34.0
5.00
12.0
0.80
FPC
・FFC
Fig.3
ESD-FPL-38.5-8
38.5
35.0
4.00
8.0
0.80
FPC
・FFC
Fig.3
ESD-FPL-38.5-12
38.5
35.0
4.00
12.0
0.80
FPC
・FFC
Fig.3
ESD-FPL-40-10
40.0
34.8
6.50
10.0
1.30
26 core
Fig.3
ESD-FPL-40-12
40.0
34.8
6.50
12.0
1.30
26 core
Fig.3
ESD-FPL-40-15
40.0
34.8
6.50
15.0
1.30
26 core
Fig.3
ESD-FPL-26
41.2
35.0
7.70
15.0
1.50
26 core
Fig.3
ESD-FPL-45.2-8
45.2
40.0
6.50
8.0
1.30
30 core
Fig.3
ESD-FPL-45-12
45.2
40.0
6.50
12.0
1.50
30 core
Fig.3
ESD-FPL-49.6-12
49.6
44.5
6.50
12.0
1.30
32 core
Fig.3
ESD-FPL-57.6-12
57.6
52.0
6.50
12.0
1.30
40 core
Fig.3
ESD-FPL-34
60.0
48.5
12.00
12.7
2.20
34 core
Fig.1
ESD-FPL-50
80.0
68.6
12.00
12.7
1.90
50 core
Fig.1
Model
Dimensions (mm)
Applicable cable
shape
Remarks
abcde
b
bESD-FPL Series
※Other sizes available. Please contact NEC TOKIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31