データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HC163 データシート(PDF) 7 Page - System Logic Semiconductor

部品番号 HC163
部品情報  Presettable Counters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SLS [System Logic Semiconductor]
ホームページ  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC163 データシート(HTML) 7 Page - System Logic Semiconductor

  HC163 Datasheet HTML 1Page - System Logic Semiconductor HC163 Datasheet HTML 2Page - System Logic Semiconductor HC163 Datasheet HTML 3Page - System Logic Semiconductor HC163 Datasheet HTML 4Page - System Logic Semiconductor HC163 Datasheet HTML 5Page - System Logic Semiconductor HC163 Datasheet HTML 6Page - System Logic Semiconductor HC163 Datasheet HTML 7Page - System Logic Semiconductor HC163 Datasheet HTML 8Page - System Logic Semiconductor HC163 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SL74HC163
System Logic
Semiconductor
SLS
VCC=Pin 16
GND=Pin 8
The flip-flops shown in the circuit diagrams are Toggle-Enable flip-flops. A Toggle-Enable flip-flop is a
combination of a D flip-flop and a T flip-flop. When loading data from Preset inputs P0, P1, P2, and P3, the Load
signal is used to disable the Toggle input (Tn) of the flip-flop. The logic level at the Pn input is then clocked to
the Q output of the flip-flop on the next rising edge of the clock.
A logic zero on the Reset device input forces the internal clock (C) high and resets the Q output of the flip-
flop low.
Figure 7.Expanded logic diagram



Html Pages

1 2 3 4 5 6 7 8 9