データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7457BRT-R2 データシート(PDF) 5 Page - Analog Devices

部品番号 AD7457BRT-R2
部品情報  Low Power, Pseudo Differential, 100 kSPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7457BRT-R2 データシート(HTML) 5 Page - Analog Devices

  AD7457BRT-R2 Datasheet HTML 1Page - Analog Devices AD7457BRT-R2 Datasheet HTML 2Page - Analog Devices AD7457BRT-R2 Datasheet HTML 3Page - Analog Devices AD7457BRT-R2 Datasheet HTML 4Page - Analog Devices AD7457BRT-R2 Datasheet HTML 5Page - Analog Devices AD7457BRT-R2 Datasheet HTML 6Page - Analog Devices AD7457BRT-R2 Datasheet HTML 7Page - Analog Devices AD7457BRT-R2 Datasheet HTML 8Page - Analog Devices AD7457BRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7457
Rev. A | Page 5 of 20
TIMING SPECIFICATIONS1
VDD = 2.7 V to 5.25 V, fSCLK = 10 MHz, fS = 100 kSPS, VREF = 2.5 V, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK2
10
kHz min
10
MHz max
tCONVERT
16 × tSCLK
tSCLK = 1/fSCLK
1.6
µs max
t2
10
ns min
CS rising edge to SCLK falling edge setup time
t33
20
ns max
Delay from CS rising edge until SDATA three-state disabled
t43
40
ns max
Data access time after SCLK falling edge
t5
0.4 tSCLK
ns min
SCLK high pulse width
t6
0.4 tSCLK
ns min
SCLK low pulse width
t7
10
ns min
SCLK edge to data valid hold time
t84
10
ns min
SCLK falling edge to SDATA three-state enabled
35
ns max
SCLK falling edge to SDATA three-state enabled
tPOWER-UP5
1
µs max
Power-up time from full power-down
tPOWER-DOWN
7.4
µs min
Minimum time spent in power-down
1 The timing specifications are guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of
1.6 V. See
and the Serial
section.
Figure 2
Interface
2 Mark/space ratio for the SCLK input is 40/60 to 60/40.
3 Measured with the load circuit of
and defined as the time required for the output to cross 0.8 V or 2.4 V with V
Figure 3
Figure 3.
DD
= 5 V, and the time required for the output to
cross 0.4 V or 2.0 V for VDD = 3 V.
4 t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of
The measured number is then extrapolated
back to remove the effects of charging or discharging the 25 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
5 See the
section.
Power Consumption
0
0
0
DB11 DB10
DB2
DB1
DB0
0
t4
t6
t7
t8
t3
TPOWERDOWN
THREE-STATE
AUTOMATIC
POWER DOWN
TPOWERUP
TACQUISITION
POWER
UP
CONVERT
START
TRACK
TRACK
TACQUISTION
TPOWERUP
4 LEADING ZEROS
SDATA
SCLK
CS
THREE-STATE
t2
t5
HOLD
Figure 2. AD7457 Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20