| データシートサーチシステム |
|
ADCMP600BKSZ-R2 データシート(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADCMP600BKSZ-R2 データシート(HTML) 6 Page - Analog Devices |
|
6 / 16 page ![]() ADCMP600/ADCMP601/ADCMP602 Rev. A | Page 6 of 16 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Supply Voltages Input Supply Voltage (V CCI to GND) −0.5 V to +6.0 V Output Supply Voltage (V CCO to GND) −0.5 V to +6.0 V Positive Supply Differential (V CCI − VCCO) −6.0 V to +6.0 V Input Voltages Input Voltage −0.5 V to V CCI + 0.5 V Differential Input Voltage ±(V CCI + 0.5 V) Maximum Input/Output Current ±50 mA Shutdown Control Pin Applied Voltage (HYS to GND) −0.5 V to V CCO + 0.5 V Maximum Input/Output Current ±50 mA Latch/Hysteresis Control Pin Applied Voltage (HYS to GND) −0.5 V to V CCO + 0.5 V Maximum Input/Output Current ±50 mA Output Current ±50 mA Temperature Operating Temperature, Ambient −40°C to +125°C Operating Temperature, Junction 150°C Storage Temperature Range −65°C to +150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 4. Thermal Resistance Package Type θ JA 1 Unit ADCMP600 SC70 5-Lead 426 °C/W ADCMP600 SOT-23 5-Lead 302 °C/W ADCMP601 SC70 6-Lead 426 °C/W ADCMP602 MSOP 5-Lead 130 °C/W 1 Measurement in still air. ESD CAUTION |