データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FR12.7/7.6/6 データシート(PDF) 22 Page - NEC

部品番号 FR12.7/7.6/6
部品情報  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

FR12.7/7.6/6 データシート(HTML) 22 Page - NEC

Back Button FR12.7/7.6/6 Datasheet HTML 18Page - NEC FR12.7/7.6/6 Datasheet HTML 19Page - NEC FR12.7/7.6/6 Datasheet HTML 20Page - NEC FR12.7/7.6/6 Datasheet HTML 21Page - NEC FR12.7/7.6/6 Datasheet HTML 22Page - NEC FR12.7/7.6/6 Datasheet HTML 23Page - NEC FR12.7/7.6/6 Datasheet HTML 24Page - NEC FR12.7/7.6/6 Datasheet HTML 25Page - NEC FR12.7/7.6/6 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
22
FPQ-Type Cores
FPQ-Type Cores
Cores
C
1
Ae
Re
Ve
Acp
Acw
AL(nH)
Weight
(mm-1)
(mm2)
(mm)
(mm3)
(mm2)
(mm2)
BH1,BH2
(g)
FPQ2016
0.58
65
37.3
2420
61
47.4
3800±25%
13.0
FPQ2020
0.70
65
45.3
2920
61
65.8
3150±25%
15.0
FPQ2620
0.36
124
44.5
5510
113
60.4
6000±25%
31.0
FPQ2625
0.44
123
53.7
6620
113
84.5
5000±25%
36.0
FPQ3220
0.31
157
48.9
76980
142
80.8
7310±25%
42.0
FPQ3230
0.44
156
68.4
10700
142
149.6
5150±25%
55.0
FPQ3535
0.46
172
79.6
13700
162
220.6
4900±25%
73.0
FPQ4040
0.49
189
92.9
17600
174
326
4700±25%
95.0
Cores
A
B
C
D
E
F
I (min)
FPQ2016
20.9+0
–0.8
8.2+0
–0.2
14.4+0
–0.8
9.0+0
–0.4
17.6+0.8
–0
5.0+0.3
–0
12.0
FPQ2020
20.9+0
–0.8
10.2+0
–0.2
14.4+0
–0.8
9.0+0
–0.4
17.6+0.8
–0
7.0+0.3
–0
12.0
FPQ2620
26.95+0
–0.9
10.2+0
–0.2
19.45+0
–0.9
12.2+0
–0.4
22.05+0.9
–0
5.6+0.3
–0
15.5
FPQ2625
26.95+0
–0.9
12.5+0
–0.25
19.45+0
–0.9
12.2+0
–0.4
22.05+0.9
–0
7.9+0.3
–0
15.5
FPQ3220
32.5+0
–1.0
10.4+0
–0.25
22.5+0
–1.0
13.7+0
–0.5
27.0+1.0
–0
5.6+0.3
–0
19.0
FPQ3230
32.5+0
–1.0
15.3+0
–0.25
22.5+0
–1.0
13.7+0
–0.5
27.0+1.0
–0
10.5+0.3
–0
19.0
FPQ3535
35.7+0
–1.2
17.5+0
–0.25
26.5+0
–1.0
14.6+0
–0.5
31.5+1.0
–0
12.35+0.3
–0
23.5
FPQ4040
41.4+0
–1.8
20.0+0
–0.25
28.6+0
–1.2
15.2+0
–0.5
36.4+1.2
–0
14.6+0.3
–0
28.0
A
E
D
Shape and Dimensions
Numbering Systems
FPQ 2016 - BH2
① Core size
② Core material
[mm]
フェライトコア5版_E 10.1.23 13:24 ページ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71