| データシートサーチシステム |
|
B-01-RTSF データシート(PDF) 36 Page - NEC |
|
|
|||||||||||||||||||||||||||||
B-01-RTSF データシート(HTML) 36 Page - NEC |
|
36 / 45 page ![]() 36 DC Line Filters VOL.10 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9634DCLVOL10E1106E2 SMD Type Common Mode Power Line Shape and Dimensions bDCM5 Series ●Inductance measurement condition : f = 10KHZ 0.1V ※●Insulation resistance : more than 100MΩ(250V DC, 1min, between lines) ●Operating temperature range(℃) : -20 to 110 (includes the selftemp.rise.) Look : By number-of-turns adjustment, to products other than the above-mentioned characteristic is also possible, please consult. ●Common mode winding with section bobbin. ※●Withstanding voltase : 250V DC for one minute between lines. Rated voltage (V) Rated current (A) L(μH) min Rdc(mΩ) max 50 50 50 50 DCM5-01 DCM5-02 DCM5-03 DCM5-04 0.2 0.5 1.0 2.0 3180 510 180 30 2540 520 210 30 Type EE5 EE5 EE5 EE5 [mm] 7.3 max. 654 123 0.5 Recommended Land Pattern DCM Series DCM Series bDCM5 Series bDCM5 Series Model [RoHS Compliant] [RoHS Compliant] 1.3 1.85 1.85 (Top view) 3 4 1 6 [mm] Circuit Diagram • Tape and Reel Dimensions (see page 46) • Precautions (see page 43) |