データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B-02-R データシート(PDF) 43 Page - NEC

部品番号 B-02-R
部品情報  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

B-02-R データシート(HTML) 43 Page - NEC

Back Button B-02-R Datasheet HTML 37Page - NEC B-02-R Datasheet HTML 38Page - NEC B-02-R Datasheet HTML 39Page - NEC B-02-R Datasheet HTML 40Page - NEC B-02-R Datasheet HTML 41Page - NEC B-02-R Datasheet HTML 42Page - NEC B-02-R Datasheet HTML 43Page - NEC B-02-R Datasheet HTML 44Page - NEC B-02-R Datasheet HTML 45Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
43
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
[mm]
[mm]
M-608T/M-614T/M-620T (conforms to EIAJ RC-1009) (1500pcs./reel)
Dimensions of indented square-hole plastic tape
W2
A
C
E
D
r
W1
T1
K
T2
Sprocket hole
øD0
Indented square-hole for fitting chips
Chip fitted on square-hole
A
P1
P2
P0
Forward direction
AB
W
F
E
P1
P2
P0
D0
T1
T2
K
±0.3
±0.3
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1 +0.1, – 0 max.
max.
max.
6.4
10.2
16.0
7.5
1.75
8.0
2.0
4.0
1.5
0.6
6.5
6.4
AB
C
D
E
r
W1
W2
±3.0
±2.0
±0.2
±0.8
±0.5
—
max.
+6, – 0
330
79
13.0
21.0
2.0
1.0
25.0
16.0
Reel dimensions
[mm]
‘
B
16±0.3
DCM5 Series
8
6.3
8.3
7.5
1.75
5.2
0.38±0.05
CD
E
F
G
H
Model
G
C
H
D
B
4
2
±0.1
±0.1
±0.05
DCM5 Series(2000pcs. /reel)
Dimensions of indented square-hole plastic tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45