データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3421 データシート(PDF) 60 Page - ams AG

部品番号 AS3421
部品情報  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3421 データシート(HTML) 60 Page - ams AG

Back Button AS3421 Datasheet HTML 53Page - ams AG AS3421 Datasheet HTML 54Page - ams AG AS3421 Datasheet HTML 55Page - ams AG AS3421 Datasheet HTML 56Page - ams AG AS3421 Datasheet HTML 57Page - ams AG AS3421 Datasheet HTML 58Page - ams AG AS3421 Datasheet HTML 59Page - ams AG AS3421 Datasheet HTML 60Page - ams AG AS3421 Datasheet HTML 61Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
60 - 61
AS3421 AS3422
Datasheet - O r d e r i n g I n f o r m a t i o n
13 Ordering Information
The devices are available as the standard products shown in Table 41.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 41. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS3421-EQFP
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 24 [4.0x4.0x0.85mm] 0.5mm
pitch
AS3421-EQFP-500
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 24 [4.0x4.0x0.85mm] 0.5mm
pitch
AS3422-EQFP
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 32 [5.0x5.0x0.85mm] 0.5mm
pitch
AS3422-EQFP-500
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 32 [5.0x5.0x0.85mm] 0.5mm
pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61