| データシートサーチシステム |
|
SSR05C080 データシート(PDF) 1 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SSR05C080 データシート(HTML) 1 Page - Solid States Devices, Inc |
|
1 / 2 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: SH0067A DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638-5223 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com Designer’s Data Sheet Part Number / Ordering Information 1/ SSR10C __ __ __ __ │ │ │ │ │ │ │ │ │ │ │ │ └ Screening __ = Not Screened TX = TX Level TXV = TXV S = S Level │ │ │ │ │ │ └ Package 2/ G = Cerpack S.5 = SMD.5 GL = Leaded Cerpack │ │ └ Configuration └ Voltage 080 = 800 V 100 = 1000 V 120 = 1200 V SSR10C120 Series 10 A / 1200 V Schottky Silicon Carbide Rectifier FEATURES: 1200 Volt Silicon Carbide Schottky Rectifier Average Output Current 10 Amps No Reverse Recovery No Forward Recovery No Switching Time Change Over Temperature Small Package Size TX, TXV, and Space Level Screening Available. Consult Factory. MAXIMUM RATINGS Symbol Value Units Peak Repetitive and Peak Reverse Voltage SSR05C080 SSR05C100 SSR05C120 VRRM VR 800 1000 1200 Volts Average Rectified Forward Current (Resistive Load, 60 Hz, Sine Wave) IO 10 Amps Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25 oC) IFSM 50 Amps Operating & Storage Temperature TOP & Tstg -55 to +250 oC Junction Temperature TJ -55 to +250 oC Maximum Thermal Resistance (Junction to Case) RθJC 3.0 oC/W CERPACK (G) 2/ Drawing# 60-0149-366 SMD .5 (S.5) 2/ Drawing# 60-0149-507 LEADED CERPACK (GL) 2/ Drawing# 60-0149-366-1 TAB SIZE =0.250W x 0.360L x 0.005” Thick |
同様の部品番号 - SSR05C080 |
|
同様の説明 - SSR05C080 |