データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B-06-RTF-25 データシート(PDF) 41 Page - NEC

部品番号 B-06-RTF-25
部品情報  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

B-06-RTF-25 データシート(HTML) 41 Page - NEC

Back Button B-06-RTF-25 Datasheet HTML 37Page - NEC B-06-RTF-25 Datasheet HTML 38Page - NEC B-06-RTF-25 Datasheet HTML 39Page - NEC B-06-RTF-25 Datasheet HTML 40Page - NEC B-06-RTF-25 Datasheet HTML 41Page - NEC B-06-RTF-25 Datasheet HTML 42Page - NEC B-06-RTF-25 Datasheet HTML 43Page - NEC B-06-RTF-25 Datasheet HTML 44Page - NEC B-06-RTF-25 Datasheet HTML 45Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
41
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
Tape and Reel Dimensions
[mm]
[mm]
SBS9080 (1000pcs./reel)
Dimensions of indented square-hole plastic tape
K
T
T2
D0
P0
P2
P1
A
B
Forward direction
W2
W1
A0
B0
WF
E
P1
P2
P0
D0
T1
T2
K
±0.3
±0.3
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1
+0.1, –0
0.6=
>
7.2=
>
7.0=
>
9.5
10.3
16
7.5
1.75
12
2.0
4.0
1.5
0.6
7.2
7.0
AN
W1
W2
±0.5
25=
>
330
100
17.5
25
Reel dimensions
[mm]
[mm]
M-521CT/M-522CT/M-523CT/M-524CT (conforms to EIAJ RC-1009) (1500pcs./reel)
Dimensions of indented square-hole plastic tape
W2
A
C
E
D
r
W1
T1
K
T2
Sprocket hole
øD0
Indented square-hole for fitting chips
Chip fitted on square-hole
A
P1
P2
P0
Forward direction
AB
W
F
E
P1
P2
P0
D0
T1
T2
K
±0.3
±0.3
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1
+0.1, –0
max.
max.
max.
5.3
9.5
16
7.5
1.75
8.0
2.0
4.0
1.5
0.6
6.5
6.4
AB
C
D
E
r
W1
W2
±3.0
±2.0
±0.2
±0.8
±0.5
—
max.
+6, – 0
330
79
13
21
2.0
1.0
25
16
Reel dimensions
[mm]
[mm]
SBP-5001T (1000pcs./reel)
Dimensions of indented square-hole plastic tape
K
T
T2
D0
P0
P2
P1
Forward direction
W2
W1
A
B
AB
W
F
E
P1
P2
P0
D0
T1
T2
K
±0.3
±0.3
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1
+0.1, –0
0.4=
>
5.7=
>
5.8=
>
9.0
9.0
16
7.5
1.75
12
2.0
4.0
1.5
0.4
5.7
5.8
AN
W1
W2
+6, –0
25=
>
330
79
16
25
Reel dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45