データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIM205 データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 SIM205
部品情報  4.3??WQVGA Touch/Graphic Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SIM205 データシート(HTML) 2 Page - Renesas Technology Corp

  SIM205 Datasheet HTML 1Page - Renesas Technology Corp SIM205 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Writing a full GUI application can be a daunting
task. Even before you write that first line of GUI
code you can waste months porting an OS and
developing the board support package, basic
support utilities, and graphics libraries. Serious
delivers out-of-the-box pre-ported software
that that gets you past these initial barriers in
minutes, not months – all with no-cost licenses!
No-Cost Development Tools
Software provided with the SIM205 is targeted for
the free Renesas High Performance Embedded Work-
bench (HEW) along with the free KPIT GNU toolsuite.
Develop complete applications on SIM205 with no
software development tool costs! For more infor-
mation on the Renesas RX621 MCU and tools, visit
www.rxmcu.com.
Serious is committed to support-
ing the new Eclipse-based Renesas e2 Studio as it
evolves through the beta development phase in 2012.
Out-of-the-Box RTOSs & BSP
Pre-ported Pre-Licensed RTOSs
Pick the right RTOS for the job: SIM205 comes
with pre-ported single commercial full-production
licenses of both the Micrium μC/OS-III and Seg-
ger embOS professional-grade kernels as well
as the standard open-source FreeRTOS kernel.
Out of the Box Drivers
The SIM205’s no-cost software includes many pre-port-
ed cross-OS drivers including SPI, I2C, UART, RTCC, CAN,
Graphics, Touch, and Timer drivers with full source code.
Direct Drive Support
Serious’ Direct Drive subsystem goes beyond the Rene-
sas driver, adding on-the-fly portrait and landscape
mode selection, dynamic frame rate management,
and an enhanced direct drive “monitor” task.
Serious
makes Direct Drive nearly transparent to the applica-
tion, allowing you to write a GUI application that can
more easily port to other SIMs without Direct Drive.
Renesas Graphics API (GAPI)
The Renesas Graphics API, in source code with
documentation, is part of the demo application.
The
Serious Human Interface Platform™ (SHIP)
Looking for a comprehensive WYSIWYG rapid-GUI
development environment? A demo of the soon-to-
be-released Serious Human Interface Platform™ (SHIP)
comes preloaded on the SIM205. Contact Serious for
more information on SHIP and how GUIs can be devel-
oped in
hours.
SHIP Core Elements
Source-code for core elements from SHIP (“SHIP
Core”) are included with the SIM205, including mal-
loc/free replacements that allow multiple heaps and
easier debugging, a buffer allocation system (typically
for communications ISRs and messages), as well as an
OS Abstraction layer that allows projects to be writ-
ten identically for all supported RTOSs without #ifdefs!
Beyond these basic utilities, SHIP Core also includes ba-
sic CAN, SPI, I2C, and UART driver frameworks that you
can build upon for your applications’ specific needs.
Serious Support and Services
Serious offers comprehensive software, hard-
ware and GUI customization and development
services.
Contact
Serious for information.
The
mySerious.com site offers community and
Serious ap-
plications support for registered users of the SIM205.
SIM205 Accessories
SBX200 Prototyping Enclosure
Need a prototyping box? Something to keep it safe
while your marketing team is handling it? The SBX200
is a prototypers enclosure
designed for the SIM205,
and includes a USB-re-
chargeable Lithium Ion
battery.
Segger JLink Lite RX
New to the RX600
family? Purchase the SIM205 bundled with the
cost effective Segger JLink Lite RX JTAG Debug-
ger/Programmer. Use the JLink Lite RX for the
programming and debugging programs on the
SIM205 as well as any future RX600-based project.
Buying SIM205
SIM205 is available direct
from
Serious in the US, and
worldwide
from
Digi-Key.
SIM205 Partners
SIM205 Software and Support
seriousintegrated.com/sim205



Html Pages

1 2