データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSB44-2R2 データシート(PDF) 95 Page - NEC

部品番号 SSB44-2R2
部品情報  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

SSB44-2R2 データシート(HTML) 95 Page - NEC

Back Button SSB44-2R2 Datasheet HTML 91Page - NEC SSB44-2R2 Datasheet HTML 92Page - NEC SSB44-2R2 Datasheet HTML 93Page - NEC SSB44-2R2 Datasheet HTML 94Page - NEC SSB44-2R2 Datasheet HTML 95Page - NEC SSB44-2R2 Datasheet HTML 96Page - NEC SSB44-2R2 Datasheet HTML 97Page - NEC SSB44-2R2 Datasheet HTML 98Page - NEC SSB44-2R2 Datasheet HTML 99Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
Power Inductors VOL.10
95
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
SBCP-87HY Series
Dimensions of indented square hole plastic tape
D0
h
P1
P0
d
F
P
PP0
P1
FW
W0
W1
W2
HD0
d
h
± 1.0
± 0.3
± 0.7
± 1.0 +1.0, –0.5 min. +0.75, –0.5 max. +2.0, –0 ± 0.2
± 2.0
12.7
12.7
3.85
5.0
18
12.5
9.0
3.0
18
ø4.0
0.6
0
[mm]
H1
SBCP-87HY
„„„ H
max.
28.5
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More