| データシートサーチシステム |
|
AM26LS32AM-EP データシート(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AM-EP データシート(HTML) 9 Page - Texas Instruments |
|
9 / 12 page ![]() www.ti.com 2.5 2 1 0.5 0 4.5 1.5 −200 −150 −100 −50 0 3.5 3 4 OUTPUT VOLTAGE vs DIFFERENTIAL INPUT VOLTAGE 5 50 100 150 200 VID − Differential Input Voltage − mV VCC = 5 V IO = 0 TA = 25°C VIT− VIT+ VIC = −7 V VIC = 0 VIC = 7 V VIT− VIT+ VIT− VIT+ 0 −1 −3 −4 −25 −20 −15 −5 0 5 10 1 3 INPUT CURRENT vs INPUT VOLTAGE 4 20 15 −2 2 VI − Input Voltage − V The Unshaded Area Shows Requirements of Paragraph 4.2.1 of ANSI Standards EIA/TIA-422-B and EIA/TIA-423-B. −10 25 VCC = 5 V VCC = 0 AM26LS32AM-EP QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS730 – OCTOBER 2006 TYPICAL CHARACTERISTICS (continued) Figure 10. Figure 11. 9 Submit Documentation Feedback |