| データシートサーチシステム |
|
AM1802 データシート(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1802 データシート(HTML) 11 Page - Texas Instruments |
|
11 / 180 page ![]() W V U T R P N M L K 10 9 8 7 6 5 4 3 2 1 10 9 8 7 6 5 4 3 2 1 DVDD3318_C GP6[1] VSS NC_L1 GP6[3] NC_L2 NC_M2 NC_N1 NC_N3 NC_N2 NC_N4 NC_P1 NC_P3 NC_P2 DVDD3318_C DDR_A[11] GP7[7]/ BOOT[7] DVDD3318_C DVDD18 DDR_DVDD18 DDR_DVDD18 DDR_D[15] DDR_RAS DDR_CLKP DDR_CLKN DDR_A[2] DDR_A[10] VSS GP6[0] DDR_A[13] DDR_CAS DDR_A[5] DDR_CKE DDR_BA[0] VSS CVDD RVDD DDR_A[9] DDR_A[1] DDR_WE DDR_D[10] DDR_A[7] DDR_A[0] DDR_D[12] DDR_A[12] DDR_A[3] DDR_CS DDR_A[6] DDR_DQM[1] VSS CVDD VSS DDR_DVDD18 GP7[4]/ BOOT[4] DDR_VREF DDR_BA[1] DDR_A[8] DDR_A[4] DDR_BA[2] VSS W V U T R P N M L K DDR_D[13] VSS VSS VSS VSS DVDD18 VSS VSS VSS VSS NC_M3 VSS VSS VSS VSS CVDD CVDD VSS DDR_DVDD18 DDR_DVDD18 DDR_DVDD18 DDR_DVDD18 DVDD3318_C GP7[5]/ BOOT[5] GP7[6]/ BOOT[6] DDR_DVDD18 DDR_DVDD18 DDR_DVDD18 GP7[1]/ BOOT[1] GP7[2]/ BOOT[2] GP7[3]/ BOOT[3] GP7[14] GP7[15] GP7[0]/ BOOT[0] GP7[11] GP7[12] GP7[13] GP7[8] GP7[9] GP7[10] A B C D AM1802 www.ti.com SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012 2.5 Pin Assignments Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in the smallest possible package. Pin multiplexing is controlled using a combination of hardware configuration at device reset and software programmable register settings. 2.5.1 Pin Map (Bottom View) The following graphics show the bottom view of the ZCE and ZWT package pin assignments in four quadrants (A, B, C, and D). The pin assignments for both packages are identical. Figure 2-1. Pin Map (Quad A) Copyright © 2010–2012, Texas Instruments Incorporated Device Overview 11 Submit Documentation Feedback Product Folder Link(s): AM1802 |