| データシートサーチシステム |
|
SL74HC652N データシート(PDF) 5 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL74HC652N データシート(HTML) 5 Page - System Logic Semiconductor |
|
5 / 9 page ![]() SL74HC652 System Logic Semiconductor SLS TIMING REQUIREMENTS(Input t r=tf=6.0 ns) VCC Guaranteed Limit Symbol Parameter V 25 °C to-55°C ≤85°C ≤125°C Unit tsu Minimum Setup Time, Input A to A-to-B Clock (or Input B to B-to-A Clock) (Figure 7) 2.0 4.5 6.0 50 10 9 65 13 11 75 15 13 ns th Minimum Hold Time, A-to-B Clock to Input A (or B-to-A Clock to Input B) (Figure 7) 2.0 4.5 6.0 25 5 5 30 6 5 40 8 7 ns tw Minimum Pulse Width, A-to-B Clock (or B-to-A Clock) (Figure 7) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns tr, tf Maximum Input Rise and Fall Times (Figures 2 and 3) 2.0 4.5 6.0 1000 500 400 1000 500 400 1000 500 400 ns TIMING DIAGRAM |