| データシートサーチシステム |
|
CD74ACT86-EP データシート(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74ACT86-EP データシート(HTML) 3 Page - Texas Instruments |
|
3 / 11 page ![]() www.ti.com Electrical Characteristics Switching Characteristics Operating Characteristics CD74ACT86-EP QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE SCHS357 – MARCH 2006 over recommended operating free-air temperature range (unless otherwise noted) –55 °C to TA = 25°C 125 °C PARAMETER TEST CONDITIONS VCC UNIT MIN MAX MIN MAX IOH = –50 µA 4.4 4.4 4.5 V VOH VI = VIH or VIL IOH = –24 mA 3.94 3.7 V IOH = –50 mA(1) 5.5 V 3.85 3.85 IOL = 50 µA 0.1 0.1 4.5 V VOL VI = VIH or VIL IOL = 24 mA 0.36 0.5 V IOL = 50 mA(1) 5.5 V 1.65 1.65 II VI = VCC or GND 5.5 V ±0.1 ±1 µA ICC VI = VCC or GND, IO = 0 5.5 V 4 80 µA ∆I CC (2) VI = VCC – 2.1 V 4.5 V to 5.5 V 2.4 3 mA Ci 10 10 pF (1) Test one output at a time, not exceeding 1-s duration. Measurement is made by forcing indicated current and measuring voltage to minimize power dissipation. Test verifies a minimum 50- Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125 °C. (2) Additional quiescent supply current per input pin, TTL inputs high, 1 unit load ACT INPUT LOAD TABLE(1) INPUT UNIT LOAD All 0.48 (1) Unit load is ∆I CC limit specified in electrical characteristics table (e.g., 2.4 mA at 25 °C). over recommended operating free-air temperature range, V CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) –55 °C to FROM TO 125 °C PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX tPLH 3.7 14.6 A or B Y ns tPHL 3.7 14.6 V CC = 5 V, TA = 25°C PARAMETER TYP UNIT Cpd Power dissipation capacitance 57 pF 3 Submit Documentation Feedback |