| データシートサーチシステム |
|
CD74FCT652M データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74FCT652M データシート(HTML) 2 Page - Texas Instruments |
|
2 / 12 page ![]() CD74FCT652 BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS SCBS734A – JULY 2000 – REVISED JULY 2000 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE INPUTS DATA I/O OPERATION OR OEAB OEBA CLKAB CLKBA SAB SBA A1–A8 B1–B8 FUNCTION L H H or L H or L X X Input Input Isolation L H ↑↑ X X Input Input Store A and B data X H ↑ H or L X X Input Unspecified† Store A, hold B H H ↑↑ X‡ X Input Output Store A in both registers L X H or L ↑ X X Unspecified† Input Hold A, store B L L ↑↑ XX‡ Output Input Store B in both registers L L X X X L Output Input Real-time B data to A bus L L X H or L X H Output Input Stored B data to A bus H H X X L X Input Output Real-time A data to B bus H H H or L X H X Input Output Stored A data to B bus H L H or L H or L H H Output Output Stored A data to B bus and stored B data to A bus † The data output functions can be enabled or disabled by various level combinations at OEAB or OEBA. Data input functions always are enabled; i.e., data at the bus terminals is stored on every low-to-high transition of the clock inputs. ‡ When select control is low, clocks can occur simultaneously if allowances are made for propagation delays from A to B (B to A) plus setup and hold times. When select control is high, clocks must be staggered to load both registers. |