| データシートサーチシステム |
|
BFD2-33/LL データシート(PDF) 47 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
BFD2-33/LL データシート(HTML) 47 Page - Cooper Bussmann, Inc. |
|
47 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Ultra Fast Fuses and Holders British Standard Fuses and Holders Specifications Description: Standard British ultra-fast fuses. Possibility of adapting side indicators and auxiliary micro-switch as accessories. Ratings: Applications: Protection of semiconductors, UPS (ASI), rectifiers, static relays, converters etc Standards and Approvals: Conform to standards BS88- 4, EN IEC 60269-5, UL recognized Dimensions: Various fuses sizes in single or double cylin- drical body Volts: - 240 - 690V ac / 150 to 500V dc Amps: - 6 - 900A IR - 200ka RMS Sym North American Standard Fuses and Holders Specifications Description: Standard North American ultra-fast fuses. Fuse actuation display available on external and internal versions. Limited range of fuse bases Ratings: Applications: Protection of semiconductors, UPS (ASI), rectifiers, static relays, converters, etc. Standards and Approvals: UL Recognised, CSA, Component Acceptance Dimensions: There are no standard dimensions with these types of fuses. Volts: - 130 to 1000V ac / 130 to 800V dc Amps: - 1 to 4000A IR - 200kA RMS Sym 48 |