| データシートサーチシステム |
|
CDC328DBLE データシート(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDC328DBLE データシート(HTML) 3 Page - Texas Instruments |
|
3 / 7 page ![]() CDC328 1LINE TO 6LINE CLOCK DRIVER WITH SELECTABLE POLARITY SCBS116B − JANUARY 1991 − REVISED MARCH 1994 2−3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.75 V, II = −18 mA −1.2 V VOH VCC = 4.75 V, IOH = − 15 mA 2.5 V VOL VCC = 4.75 V, IOL = 64 mA 0.55 V II VCC = 5.25 V, VI = VCC or GND ±1 µA IO‡ VCC = 5.25 V, VO = 2.5 V −15 −100 mA ICC VCC = 5.25 V, IO = 0, Outputs high 50 µA ICC VCC = 5.25 V, IO = 0, VI = VCC or GND Outputs low 20 30 mA Ci VI = 2.5 V or 0.5 V 3 pF † All typical values are at VCC = 5 V, TA = 25°C ‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second. switching characteristics over recommended ranges of supply voltage and operating free-air temperature (see Figures 1 and 2) PARAMETER FROM (INPUT) TO (OUTPUT) MIN TYP MAX UNIT tPLH A Any Y 1.7 7 ns tPHL A Any Y 1.5 5.4 ns tPLH T/C Any Y 1.5 8 ns tPHL T/C Any Y 1.4 6.6 ns tsk(o) A Any Y (same phase) 0.7 ns tsk(o) A Any Y (any phase) 2.6 ns tr 1.2 ns tf 0.5 ns switching characteristics, VCC = 5 V ± 0.25 V, TA = 25°C to 70°C (see Figures 1 and 2) PARAMETER FROM (INPUT) TO (OUTPUT) MIN MAX UNIT tPLH A Any Y 2.1 6.1 ns tPHL A Any Y 1.7 4.8 ns tsk(o) A Any Y (same phase) 0.7 ns tsk(o) A Any Y (any phase) 2.1 ns |