データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM54LS367A データシート(PDF) 2 Page - Texas Instruments

部品番号 DM54LS367A
部品情報  54LS367A DM54LS367A DM74LS367A Hex TRI-STATE(RM) Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DM54LS367A データシート(HTML) 2 Page - Texas Instruments

  DM54LS367A Datasheet HTML 1Page - Texas Instruments DM54LS367A Datasheet HTML 2Page - Texas Instruments DM54LS367A Datasheet HTML 3Page - Texas Instruments DM54LS367A Datasheet HTML 4Page - Texas Instruments DM54LS367A Datasheet HTML 5Page - Texas Instruments DM54LS367A Datasheet HTML 6Page - Texas Instruments DM54LS367A Datasheet HTML 7Page - Texas Instruments DM54LS367A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLF6429
May 1989
54LS367ADM54LS367ADM74LS367A
Hex TRI-STATE
Buffers
General Description
This device contains six independent gates each of which
performs a non-inverting buffer function The outputs have
the TRI-STATE feature When enabled the outputs exhibit
the low impedance characteristics of a standard LS output
with additional drive capability to permit the driving of bus
lines without external resistors When disabled both the
output transistors are turned off presenting a high-imped-
ance state to the bus line Thus the output will act neither as
a significant load nor as a driver To minimize the possibility
that two outputs will attempt to take a common bus to oppo-
site logic levels the disable time is shorter than the enable
time of the outputs
Features
Y
Alternate
militaryaerospace
device
(54LS367A)
is
available Contact a National Semiconductor sales of-
ficedistributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6429 – 1
Order Number 54LS367ADMQB 54LS367AFMQB 54LS367ALMQB DM54LS367AJ
DM54LS367AW DM74LS367AM or DM74LS367AN
See NS Package Number E20A J16A M16A N16E or W16A
Function Table
Y e A
Inputs
Output
AG
Y
LL
L
HL
H
X
H
Hi-Z
H e High Logic Level
L e Low Logic Level
X e Either Low or High Logic Level
Hi-Z e TRI-STATE (Outputs are disabled)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A



Html Pages

1 2 3 4 5 6 7 8