データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6474PD データシート(PDF) 19 Page - STMicroelectronics

部品番号 L6474PD
部品情報  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PD データシート(HTML) 19 Page - STMicroelectronics

Back Button L6474PD Datasheet HTML 15Page - STMicroelectronics L6474PD Datasheet HTML 16Page - STMicroelectronics L6474PD Datasheet HTML 17Page - STMicroelectronics L6474PD Datasheet HTML 18Page - STMicroelectronics L6474PD Datasheet HTML 19Page - STMicroelectronics L6474PD Datasheet HTML 20Page - STMicroelectronics L6474PD Datasheet HTML 21Page - STMicroelectronics L6474PD Datasheet HTML 22Page - STMicroelectronics L6474PD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
L6474
Functional description
Doc ID 022529 Rev 2
19/51
Figure 5.
Charge pump circuitry
6.4
Microstepping
The driver is able to divide the single step into up to 16 microsteps. Stepping mode can be
programmed by STEP_SEL parameter in STEP_MODE register (see Table 19).
Step mode can only be changed when bridges are disabled. Every time the step mode is
changed, the electrical position (i.e. the point of microstepping sinewave that is generated)
is reset to the first microstep and the absolute position counter value (see Section 6.5)
becomes meaningless.
Figure 6.
Normal mode and microstepping (16 microsteps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51