| データシートサーチシステム |
|
LD39150PT-R データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD39150PT-R データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() LD39150xx Typical application circuits 5/19 3 Typical application circuits (CI and CO capacitors must be placed as close as possible to the IC pins) Note: Inhibit pin is not internally pulled down/up then it must not be left floating. Disable the device when connected to GND or to a positive voltage less than 0.3 V. Note: Set R2 as close as possible to 4.7 k Ω Figure 3. LD39150xx fixed version with inhibit Figure 4. LD39150xx adjustable version VO = VREF (1 + R1/R2) |