| データシートサーチシステム |
|
CSW2425 データシート(PDF) 15 Page - Crydom Inc., |
|
|
|||||||||||||||||||||||||||||
CSW2425 データシート(HTML) 15 Page - Crydom Inc., |
|
15 / 20 page ![]() 15 Solid State Control Relays LPCV Solid State Linear Proportional Control Relay 15-110Amp 120/240 Vac SCR AC Switch Output Precise Proportional Load Control e g r u S d a o L e n i L Voltage Current Control Turn-On Input Current Range Range Range Threshold Impedance 1-Cycle k p A s m h O s m r A s m r V 5LPCV2415 20-300 .10-15 0-5Vdc .25Vdc 12.7K 150 5LPCV2425 20-300 .10-25 0-5Vdc .25Vdc 12.7K 250 5LPCV2440 20-300 .10-40 0-5Vdc .25Vdc 12.7K 625 5LPCV2475 20-300 .15-75 0-5Vdc .25Vdc 12.7K 1000 5LPCV24110 20-300 .20-110 0-5Vdc .25Vdc 12.7K 1500 10LPCV2415 20-300 .10-15 0-10Vdc .5Vdc 25K 150 10LPCV2425 20-300 .10-25 0-10Vdc .5Vdc 25K 250 10LPCV2440 20-300 .10-40 0-10Vdc .5Vdc 25K 625 10LPCV2475 20-300 .15-75 0-10Vdc .5Vdc 25K 1000 10LPCV24110 20-300 .20-110 0-10Vdc .5Vdc 25K 1500 20LPCV2415 20-300 .10-15 4-20mA 4.5mA 460 150 20LPCV2425 20-300 .10-25 4-20mA 4.5mA 460 250 20LPCV2440 20-300 .10-40 4-20mA 4.5mA 460 625 20LPCV2475 20-300 .15-75 4-20mA 4.5mA 460 1000 20LPCV24110 20-300 .20-110 4-20mA 4.5mA 460 1500 Operating Temperature Range: -30˚C to 80˚C, Isolation Voltage: 2500 Vrms CPV Solid State Phase Control Module/Relay 10-90Amp 120/240 Vac 0-5Vdc Phase Control Line Load Logic Control Surge Crydom Voltage Current Supply Voltage Current Solid State Range Range Voltage Range 1-Cycle Relay (Incl.) Models CPV120 and CPV240 solid state control modules provide control of the phased turn-on of a solid state relay, in response to the application of a 0-5 Vdc control signal. They must be used with Crydom Series 1 random turn-on solid state relays. Consult factory for wiring diagrams and about use with 480 Vac loads. For acomplete set (control relay and solid state relay) order 10CPV120, 25CPV120, etc. Vrms Arms Vdc Vdc Apk Part No. CPV120* 90-140 * 3.5-10 0-5 * none 10CPV120 90-140 .04-10 3.5-10 0-5 120 D1210-10 25CPV120 90-140 .04-25 3.5-10 0-5 250 D1225-10 40CPV120 90-140 .04-40 3.5-10 0-5 625 D1240-10 CPV240* 180-280 * 3.5-10 0-5 * none 10CPV240 180-280 .04-10 3.5-10 0-5 120 D2410-10 25CPV240 180-280 .04-25 3.5-10 0-5 250 D2425-10 50CPV240 180-280 .04-50 3.5-10 0-5 625 D2450-10 75CPV240 180-280 .04-75 3.5-10 0-5 1000 D2475-10 90CPV240 180-280 .04-90 3.5-10 0-5 1200 D2490-10 * Control Module Only, Must be used with -10 (Series 1) DC input relay Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms RPC Solid State Proportional Control 15-40Amp 120/240/480 Vac Economical Potentiometer Control e g r u S d a o L e n i L Voltage Current Off-State Potentiometer Potentiometer Current Range Range Leakage Resistance Wattage 1-Cycle The RPC series provides a cost effective method of controlling power in many different application such as heaters or incandescent lamps. A customer provided potentiometer is all that is required for control. All RPC products are supplied with KS100 protective cover. Vrms Arms mA Ohms W Apk RPC1215 90-130 .07-15 10 150K 1 150 RPC1225 90-130 .08-25 10 150K 1 250 RPC1240 90-130 .09-40 10 150K 1 625 RPC2415 200-240 .07-15 7 1 Meg .5 150 RPC2425 200-240 .08-25 7 1 Meg .5 250 RPC2440 200-240 .09-40 7 1 Meg .5 625 RPC4815 400-480 .07-15 3 1 Meg .5 150 RPC4825 400-480 .08-25 3 1 Meg .5 250 RPC4840 400-480 .09-40 3 1 Meg .5 625 Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms (Load to baseplate only) Note: Control to load is not isolated, exercise care in handling this product to avoid the risk of electric shock. PCV Solid State Analog Input Power Control Relays 15-90Amp 120/240 Vac SCR AC Switch Output The PCV Series solid state proportional control relays are self contained power control relays integrating a complete phase fired logic control system and a solid state relay in the same standard package. Line Load Control Control Surge Voltage Current Off-State Voltage Current Current Range Range Leakage Range @ 5Vdc 1-Cycle Vrms Arms mA Vdc mA Apk 7PCV2415 100-240 .15-15 10 2-7 4 150 7PCV2425 100-240 .15-25 15 2-7 4 250 10PCV2415 100-240 .15-15 10 2-10 4 150 10PCV2425 100-240 .15-25 15 2-10 4 250 10PCV2450 100-240 .15-50 20 2-10 4 625 10PCV2475 100-240 .15-75 20 2-10 4 1000 10PCV2490 100-240 .15-90 20 2-10 4 1200 Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms UL, CSA UL, CSA UL, CSA UL, CSA UL, CSA UL, CSA UL, CSA Other Crydom products and competitive part number cross-reference available at: www.crydom.com The LPCV solid state linear proportional control relays control loads up to 110 amps. Changes in the input signal linearly vary the firing angle of the thyristor load control device. Control circuitry and power switch are in a single package. PS-120 (120V), PS-240 (240V) These power supplies are designed for use with the Series LPCV control relays to provide the 20Vac required in addition to the control voltage. |