| データシートサーチシステム |
|
63/100LSC データシート(PDF) 21 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
63/100LSC データシート(HTML) 21 Page - Cooper Bussmann, Inc. |
|
21 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Class gG (gF) 250 - 400V / 0.5 - 32A Sizes: 6x23, 8x23, 10x25 8x31, 10x31, 8x36 10x38 Specifications Description: Cylindrical fuses for domestic protection. Available in types with and without striker indicator. Ratings: Applications: Protection of power lines, heating circuits, lighting circuits. electrical domestic appliances and domestic electricity meters Agency Information: NF C 62203, EN IEC 60269-3, NF marking (see references in bold in catalogue numbers chart) RoHS Compliant Dimensions Cylindrical Domestic Fuses Volts: - 250V ac (6x23, 8x23, 10x25) 400V ac (8x31, 10x31, 8x36, 10x38) Amps: - 0.5 - 32A IR - 6kA (6x23, 8x23, 10x25) - 20kA (8x31, 10x31, 8x36, 10x36) Size A B C 6 x 23 6.3 23 5 8 x 23 8.5 23 5 8 x 31 8.5 31.5 6.3 8 x 36 8.5 36 6.3 10 x 25 10.3 25.8 6.3 10 x 31 10.3 31.5 6.3 10 x 38 10.3 38 10 Catalogue Numbers 22 Size Currrent (A) References without Indicator References with Indicator Voltage (V) Interrupting Rating (kA) UP* 6x23 2 4 6 10 CD0623G2 CD0623G4 CD0623G6 CD0623G10 250V 6kA 10 8x23 2 4 6 10 16 CD0823G2 CD0823G4 CD0823G6 CD0823G10 CD0823G16 CD0823G2I CD0823G4I CD0823G6I CD0823G10I CD0823G16I 250V 6kA 10 10x25 6 10 16 CD1025G6 CD1025G10 CD1025G16 CD1025G6I CD1025G10I CD1025G16I 250V 6kA 10 8x31 0.5 1 2 4 6 8 10 12 16 20 CD0831G0.5 CD0831G1 CD0831G2 CD0831G4 CD0831G6 CD0831G8 CD0831G10 CD0831G12 CD0831G16 CD0831G20 - - CD0831G2I CD0831G4I CD0831G6I CD0831G8I CD0831G10I CD0831G12I CD0831G16I CD0831G20I 400V 20kA 10 10x31 16 20 25 CD1031G16 CD1031G20 CD1031G25 CD1031G16I CD1031G20I CD1031G25I 400V 20kA 10 8x36 2 4 6 10 16 20 25 32 CD0836G2 CD0836G4 CD0836G6 CD0836G10 CD0836G16 CD0836G20 CD0836G25 CD0836G32 CD0836G2I CD0836G4I CD0836G6I CD0836G10I CD0836G16I CD0836G20I CD0836G25I CD0836G32I 400V 20kA 12 10x38 25 32 CD1038G25 CD1038G32 CD1038G25I CD1038G32I 400V 20kA 10 *UP = Unit Packing NFC 60203 |