| データシートサーチシステム |
|
LP2981-29DBVT データシート(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2981-29DBVT データシート(HTML) 4 Page - Texas Instruments |
|
4 / 17 page ![]() Absolute Maximum Ratings (1) Recommended Operating Conditions LP2981 SLVS521F – JULY 2004 – REVISED AUGUST 2008 ......................................................................................................................................................... www.ti.com over virtual junction temperature range (unless otherwise noted) MIN MAX UNIT VIN Continuous input voltage range(2) –0.3 16 V VON/OFF ON/OFF input voltage range –0.3 16 V VOUT Output voltage range(3) –0.3 9 V Internally limited IOUT Output current(4) (short-circuit protected) θ JA Package thermal impedance(4)(5) 206 °C/W TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C Human-Body Model (HBM) 2000 ESD Electrostatic discharge protection V Machine Model (MM) 200 (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The PNP pass transistor has a parasitic diode connected between the input and output. This diode normally is reverse biased (VIN > VOUT), but will be forward biased if the output voltage exceeds the input voltage by a diode drop (see Application Information for more details). (3) If load is returned to a negative power supply, the output must be diode clamped to GND. (4) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (5) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT VIN Supply input voltage 2.2(1) 16 V VON/OFF ON/OFF input voltage 0 VIN V VIN – VOUT Input-output differential 0.7 11 V IOUT Output current 100 mA TJ Virtual junction temperature –40 125 °C (1) Minimum VIN of 2.2 V is needed for proper biasing of LDO control circuitry. 4 Submit Documentation Feedback Copyright © 2004–2008, Texas Instruments Incorporated |