データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT/NOPB データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3447MT/NOPB
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447MT/NOPB データシート(HTML) 11 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 7Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 9Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VREC
VBIAS
VCOMP
VCC
VOUT
VGATE
xxxxxxx
xxxxxxx
t0
t1
t2
t3
t4 time
10.5V
7.5V
17.7V
13.5V
+
±
14
11
VCC
UVLO
8
LM3447
13.5V
4.2V
BIAS
VCC
GND
UVLO
AUX
NA
RBS
QPASS
RHLD1
CPFC
DZBS
RDAMP
CVCC
PRI
NP
Rectified AC Line
VREC(t)
+
10
7
COMP
GATE
PWM
CCOMP
(a)
(b)
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
VCC BIAS SUPPLY AND START-UP
Figure 19. (a) Bias Circuit and (b) Typical Startup Waveforms
The LM3447 is designed to achieve instant turn-on using an external linear regulator circuit, shown in Figure 19
(a). The start-up sequence is internally controlled by the BIAS voltage and VCC undervoltage lockout (UVLO)
circuit and is illustrated in Figure 19 (b). The BIAS input is a low current voltage clamp circuit that provides a
reference to the linear pass transistor, QPASS. The clamp circuit current is set by connecting resistor, RBS,
between the input rectified AC voltage, VREC and BIAS. When power is applied, the BIAS voltage set to 17.7V
and the capacitor, CVCC is rapidly charged by transistor QPASS. Resistor RHLD1 is used to limit the maximum
allowable current, based on the safe operating area (SOA) rating of the transistor. The LM3447 starts operating
when VCC exceeds the UVLO rising threshold of 10.5V, after which the BIAS voltage is reduced to 13.5V. The
GATE drive output is enabled when the COMP voltage exceeds the minimum internal PWM ramp threshold of
280mV. As the output voltage, VOUT, increases, the bootstrap circuit based on an auxiliary winding of the
transformer is energized and begins delivering power to the device. At any time, if VCC falls below 7.5V the
device enters a UVLO state forcing BIAS to step back to 17.7V to initiate a new start-up sequence. The switching
of BIAS voltage between two thresholds, 17.7V to 13.5V, is performed in association with a large VCC UVLO
hysteresis of 3V to allow for a larger variation in auxiliary output voltage.
The key waveforms illustrating the bias circuit operation and start-up sequence under dimming are shown in
Figure 20. The impact of phase-cut dimming on BIAS, VOUT and VCC behavior is highlighted. The chopping of
the input voltage by an external dimmer causes the output voltage, VOUT, to vary along with LED current. As VCC
voltage tracks the output voltage, VOUT, it too fluctuates based on the dimming command. At low dimming levels,
UVLO is engaged as VCC falls below 7.5V and the BIAS switches to 17.7V, initiating a start-up sequence. The
BIAS behavior interacts with the external dimmer circuit, causing the device to enter into a re-start condition,
where VCC fluctuates between UVLO high and low thresholds. With this mode of operation, the LM3447 is
capable of providing quick response to any changes in the dimming command. In the case where the external
dimmer is switched off, VCC is discharged and all of the device operation is ceased. A new start-up cycle is
initiated, when the dimmer is switched on and the device responds in the manner illustrated in Figure 19 (b).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com