| データシートサーチシステム |
|
H810RFAB データシート(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
H810RFAB データシート(HTML) 1 Page - Tyco Electronics |
|
1 / 4 page ![]() General Data Lead Material: Solderability to BS CECC 40101 004 Para 4.15.1 Encapsulation: Conformal Epoxy Coating Resistor Marking: Legend printed in accordance with CECC 40000 Para 2.4 Solvent Resistance: The epoxy coating and print will withstand the action of all commonly used industrial cleansing solvents Characteristics - Electrical H4P H4 H8 BS CECC 40101 004 Style: KH J Power Rating at 70°C: 0.25W 0.063W 0.125W Temperature Rise (max): 32°C 14°C 28°C Limiting Element Voltage: 250V 200V 200V BS CECC 40101 030 Style: JH Power Rating at 125°C: 0.125W 0.1W Temperature Rise (max): 30°C 30°C Limiting Element Voltage: 250V 200V BS CECC 40101 804 Style: BA Power Rating at 125°C: 0.25W 0.125W Limiting Element Voltage: 250V 200V Commercial Ratings Power Rating at 70°C: 1.0W 0.5W 0.25W Temperature Rise: 70°C 55°C 40°C Limiting Element Voltage: 500V 350V 350V Axial Leaded Precision Resistors Type HOLCO Series 1773230 CIS BI 06/2011 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. Key Features I Ultra Precision - Down To 0.05% I Matched Sets Available To 2ppm/°C I High Pulse Withstand I Low Reactance I Low TCR - Down To 5ppm/°C I Long Term Stability I Up To 1 Watt At 70°C I Released To CECC 40101 004, 030 And 804 The Holco range of Precision Metal Film Resistors meets the requirement for economically priced components for industrial and military applications. The manufacturing facility utilises closely controlled production processes including the sputter coating of metal alloy films to ceramic substrates, and laser spiralling to achieve close tolerance and high stability resistors. An epoxy coating is applied for environmental and mechanical protection. Commercially the Series is available in two case sizes, from 1 ohm to 4M ohms, tolerances from 0.05% to 1% and TCR's from 5ppm/°C to 100ppm/°C. Offered with release to BS CECC 40101 004, 030 and 804 the H8 is available via distribution. |
同様の部品番号 - H810RFAB |
|
同様の説明 - H810RFAB |