| データシートサーチシステム |
|
SN8P021X データシート(PDF) 2 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P021X データシート(HTML) 2 Page - SONiX Technology Company |
|
2 / 3 page ![]() SN8P021X/8P011X SONiX TECHNOLOGY CO., LTD Page 2 Preliminary January 2000 4. BLOCK DIAGRAM 5. PIN DESCRIPTION PIN NAME TYPE DESCRIPTION P1.0 ~ P1.3 I/O Port 1.0 ~ Port 1.3 bi-direction pins. RST/VPP I System reset inputs pin. Schmitt trigger structure, active “low”, normal stay to “high”. During program op-code, this pin be pull to 12.5Vdc to reset internal address counter and to write data into OTP-ROM. VDD, VSS P Power supply input pins. P2.0 ~ P2.7 I/O Port 2.0 ~ Port 2.7 bi-direction pins. XIN I Oscillator input pin. XOUT O Oscillator output pin. P0.0 / INT0 I Port 0.0 and INT0 trigger pin with schmitt trigger structure. Note : In order to reduce power consumption, the following procedure must be setup. a). In the SN8P0211/8P0111 version, P1.2 ~ P1.3 must be programmed to input mode with pull up resistor. PC IR OTP ROM H-OSC TIMING GENERATOR RAM SYSTEM REGISTER ALU ACC INTERRUPT CONTROL TIMER & COUNTER PORT 0 PORT 2 PORT 1 FLAGS |