| データシートサーチシステム |
|
SNAD01B データシート(PDF) 13 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNAD01B データシート(HTML) 13 Page - SONiX Technology Company |
|
13 / 31 page ![]() SNAD01B 8-CHANNEL 8-BIT ADC Battery Monitoring (Channel 7 only) ENCH[7] to ADC DI[7] VSS 20k 10k 30k VSS Battery ENCH[7] VDD VSS CH[7] PH&ENCH[x] PL&ENCH[x] Figure10 The circuit of the Input pad of Channel 7 1.While read ADC command is sent and channel 7 is selected, ADC can be used to monitor the battery voltage. 2.The circuit of battery voltage monitoring is shown in Battery Monitoring (Channel7 only) 3.The battery voltage is six times ADC measuring voltage. Thus, the measured result equals to 1/6*battery voltage. 4.While channel 7 is set to the analog input mode, an input resistor (60k Ω) exists from CH[7] to VSS. To save unnecessary power consumption, CH[7] should be switch to digital input type when CH[7] is not measured. Note: CH[7] is different from the other 7 channels. The input voltage is reduced to 1/6 before it is sent into ADC. Version: 1.3 July 31, 2003 13 |