| データシートサーチシステム |
|
STAR データシート(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
STAR データシート(HTML) 3 Page - Texas Instruments |
|
3 / 30 page ![]() Tape-and-Reel Overview TAPE FORMAT AND DEVICE ORIENTATION TLHH8352 – 2 Page Page Small Outline Transistor SOT-23 (High Profile) 3 Plastic Chip Carrier IC (PLCC-IC) PLCC-20 11 SOT-23 (Low Profile) 3 PLCC-28 12 Small Outline IC (SO-IC) SO-8 (Narrow) 4 PLCC-44 13 SO-14 (Narrow) 5 PLCC-68 14 SO-14 (Wide) 6 PLCC-84 15 SO-16 (Narrow) 7 SO-16 (Wide) 8 SO-20 (Wide) 9 SO-24 (Wide) 10 MATERIALS Cavity Tape Conductive PVC (less than 105 X Sq) Cover Tape Polyester 1 Conductive Cover available Reel 1 Solid 80 pt Fibreboard (standard) 2 Conductive Fibreboard available 3 Conductive Plastic (PVC) available LABEL Human and machine readable label is provided on reel A variable (CPI) density code 39 is available NSC STD Label (76 CPI) Field Lot Number Date Code Revision Level National Part No ID Quantity Fields are separated by at least one blank space Future Tape-and-Reel packs will also include a smaller-size bar code label (high-density code 39) at the beginning of the tape (This tape label is not available on current production) National Semiconductor will also offer additional labels containing information per your specific specification Example TLHH8352 – 3 2 |