| データシートサーチシステム |
|
SNAD01C データシート(PDF) 16 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNAD01C データシート(HTML) 16 Page - SONiX Technology Company |
|
16 / 27 page ![]() SNAD01C 8-CHANNEL 8-BIT ADC 9. EXAMPLE PROGRAMS Host Controller: SNC500. Application circuit is identical to Figure11. P22: START. P21: CLK. P20: DIO. Macro Programs: (def.h) ♦ p2State equ m0 port_l equ m1 port_h equ m2 ad_out_l equ m3 ad_out_h equ m4 tmp equ m5 tmp1 equ m6 ad_hh equ m7 ;;******************************** @ON_START macro ;;SET START=0 mov a #1011b and a p2state mov p2state a mov p2 a endm ;;******************************** @OFF_START macro ;;SET START=1 mov a #0100b or a p2state mov p2state a mov p2 a endm ;;******************************** @CLOCK macro mov a #0010b ;;SET CLK L H AND H L or a p2state mov p2 a mov a #1101b and a p2state mov p2state a mov p2 a endm ;;******************************** @Send_0 macro mov a #1110b ;;HOST SEND 0 DIO and a p2state mov p2state a mov p2 a endm ;;******************************** @Send_1 macro mov a #0001b ;;HOST SEND 1 DIO or a p2state mov p2state a mov p2 a endm ;;******************************** @Send macro data; ;HOST SEND 1-BIT CONSTANT (#1 OR #0) DIO mov tmp data mov a #1110b and a p2state or a tmp mov p2state a mov p2 a endm Version: 1.5 July 31, 2003 16 ;;******************************** |