データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN8A1702AS データシート(PDF) 2 Page - SONiX Technology Company

部品番号 SN8A1702AS
部品情報  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONIX [SONiX Technology Company]
ホームページ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AS データシート(HTML) 2 Page - SONiX Technology Company

  SN8A1702AS Datasheet HTML 1Page - SONiX Technology Company SN8A1702AS Datasheet HTML 2Page - SONiX Technology Company SN8A1702AS Datasheet HTML 3Page - SONiX Technology Company SN8A1702AS Datasheet HTML 4Page - SONiX Technology Company SN8A1702AS Datasheet HTML 5Page - SONiX Technology Company SN8A1702AS Datasheet HTML 6Page - SONiX Technology Company SN8A1702AS Datasheet HTML 7Page - SONiX Technology Company SN8A1702AS Datasheet HTML 8Page - SONiX Technology Company SN8A1702AS Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 2
Revision 1.94
AMENDMENT HISTORY
Version
Date
Description
VER 1.90
Sep. 2002
V1.90 first issue
VER 1.93
Feb. 2003
1. Extend chip operating temperature from “0
°C ~ +70°C” to “-20°C ~ +70°C”.
2. Change the description of ADD M,A instruction from “M
M+A” to “M
A+M”
3. Add ADC grade table.
4. Remove “Support hardware multiplier (MUL)” in SN8P1702 FEATURES section.
5. Change “Four internal interrupts” to “Three internal interrupts” in SN8P1704
FEATURES section.
6. Change “ACC can’t be access by “B0MOV” instruction” to “ACC can’t be access by
“B0MOV” instruction during the instant addressing mode”.
7. Correct the description of STKnH.
8. Change “special register is located at 08h~FFh” to “special register is located at
80h~FFh”.
9. Correct the bit definition of INTEN register.
10. Correct the description of “TC0 CLOCK FREQUENCY OUTPUT” section.
11. Correct the description of “TC1 CLOCK FREQUENCY OUTPUT” section.
12. SCKMD = 1 means SIO is in SLAVE mode. SCKMD = 0 means SIO is in MASTER
mode.
13. Remove “SIO clock and SPI clock are compatible”.
14. Modify ADB’s output data table.
15. Correct an error of template code: “b0bclr FWDRST”
“b0bset FWDRST”.
16. Add a notice about OSCM register access cycle.
17. SN8P1702/SN8A1702A don’t provide “MUL, PUSH, POP” instruction.
18. Add a notice about OSCM register access cycle.
VER 1.94
Sep. 2003
1. Correct EOC description.
2. Correct watchdog timer overflow time.
3. Correct POP operand.
4. Correct ADCKS table.
5. Add new section about checksum calculate must avoid 04H~07H.
6. Reserved Last 16 word ROM addresses
7. Add SIOM table and SIO rate note
8. Remove register bit description
9. Modify TC0M description
10. Modify TC1M description
11. Modify PWM description
12. Modify ADC Frequency description
13. Change Code option table to Chapter 2
14. Add ADC current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More