| データシートサーチシステム |
|
TIBPLS506ACFN データシート(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TIBPLS506ACFN データシート(HTML) 12 Page - Texas Instruments |
|
12 / 16 page ![]() TIBPLS506AC 13 × 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 12 fmax with external feedback The configuration shown is a typical state-machine design with feedback signals sent off-chip. This external feedback could go back to the device inputs or to a second device in a multi-chip state machine. The slowest path defining the clock period is the sum of the clock-to-output delay time and the setup time for the input or feedback signals (tsu + tpd CLK to Q). Thus: fmax with external feedback = 1 tsu ) tpd CLK to Q Internal SR Registers Output SR Registers Logic Array Next Device CLK Input tsu tpd CLK to Q Figure 4 |