データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL322 データシート(PDF) 2 Page - Texas Instruments

部品番号 TL322
部品情報  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL322 データシート(HTML) 2 Page - Texas Instruments

  TL322 Datasheet HTML 1Page - Texas Instruments TL322 Datasheet HTML 2Page - Texas Instruments TL322 Datasheet HTML 3Page - Texas Instruments TL322 Datasheet HTML 4Page - Texas Instruments TL322 Datasheet HTML 5Page - Texas Instruments TL322 Datasheet HTML 6Page - Texas Instruments TL322 Datasheet HTML 7Page - Texas Instruments TL322 Datasheet HTML 8Page - Texas Instruments TL322 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TL322C, TL322I
DUAL LOW POWER OPERATIONAL AMPLIFIERS
SLOS086 − D2567, OCTOBER 1979 − REVISED OCTOBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
TL322C
TL322I
UNIT
Supply voltage VCC + (see Note 1)
18
18
V
Supply voltage VCC − (see Note 1)
−18
−18
V
Supply voltage VCC + (with respect to VCC −)
36
36
V
Differential input voltage (see Note 2)
±36
±36
V
Input voltage (see Notes 1 and 3)
±18
±18
V
Continuous total power disspation
See Dissipation Rating Table
Operating free-air temperature range
0 to 70
− 40 to 85
°C
Storage temperature range
− 65 to 150
− 65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
260
°C
NOTES: 1. These voltage values are with respect to the midpoint between VCC + and VCC −.
2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal.
3. Neither input must ever be more positive than VCC + or more negative than VCC −.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
680 mW
5.8 mW/
°C
33
°C
464 mW
377 mW
P
680 mW
8.0 mW/
°C
65
°C
640 mW
520 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Single supply voltage, VCC
5
30
V
Dual supply voltage, VCC +
2.5
15
V
Dual supply voltage, VCC −
− 2.5
− 15
V



Html Pages

1 2 3 4 5 6 7 8 9 10