| データシートサーチシステム |
|
SCBU045 データシート(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCBU045 データシート(HTML) 20 Page - Texas Instruments |
|
20 / 30 page ![]() www.ti.com 3.3 Wafer Map File Format HGWY5 0020_20041001114135.cp3 Wafer lot # Qty wafers Date-time 3.4 Ink Dot Specification Wafer Map File All lots are supplied with wafer mapping file. This mapping file is stored on a CD and enclosed in the pack box. The mapping file is stored for 3 years, if any problem might occur. We handle our TI world wide wafer map standard. The wafer file name is explained as follows: Wafer map files are provided in a TI Worldwide (WW) format, which is in ASCII text form. An example of the TI WW wafer map file is shown below. Contact your sales representative to obtain details on the TI WW format. FACILITY=UMC-F8E LOT=HGWY5 DEVICE=$8TMS37114APK WAFERS=20 X_SIZE=074.134 Y_SIZE=083.858 BIN_NAME.01="G,PASS" BIN_NAME.09="FAIL" STATUS="PROD" SCRIBE="BOTTOM,15,NTRL,FAB" WAFER_SIZE=200 WAFERID.01=LT5000200-13-E0 NUM_BINS.01=01 BIN_COUNT.01.01=02463 MAP_XY.01.01="Y-10 19 15 12 10/8 Y-9 20 18 15 13/12 9/7 Y-8 20/14 12/10 8/6 3 Y-7 15/13 10 8 4 2" All Tag-it HF-I Pro Transponder ICs are electrically tested and dies that fail the probe test will be inked. Bump failures are not marked with an ink dot. Table 3-1. Ink Dot Specification Parameter Value Min 250 μm Diameter Max 600 μm Height Max 25 μm Colour Black Position Central, not to touch bond pads Shipping, Packing & Further Handling 20 SCBU045 (11-09-21-065) – October 2007 Submit Documentation Feedback |