データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM48L930 データシート(PDF) 55 Page - Texas Instruments

部品番号 RM48L930
部品情報  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 データシート(HTML) 55 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 51Page - Texas Instruments RM48L930 Datasheet HTML 52Page - Texas Instruments RM48L930 Datasheet HTML 53Page - Texas Instruments RM48L930 Datasheet HTML 54Page - Texas Instruments RM48L930 Datasheet HTML 55Page - Texas Instruments RM48L930 Datasheet HTML 56Page - Texas Instruments RM48L930 Datasheet HTML 57Page - Texas Instruments RM48L930 Datasheet HTML 58Page - Texas Instruments RM48L930 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
4.6.1.1.1 Timing Requirements for Main Oscillator
Table 4-9. Timing Requirements for Main Oscillator
Parameter
MIN
Type
MAX
Unit
tc(OSC)
Cycle time, OSCIN (when using a sine-wave input)
50
200
ns
tc(OSC_SQR)
Cycle time, OSCIN, (when input to the OSCIN is a
12.5
200
ns
square wave )
tw(OSCIL)
Pulse duration, OSCIN low (when input to the OSCIN
6
ns
is a square wave)
tw(OSCIH)
Pulse duration, OSCIN high (when input to the OSCIN
6
ns
is a square wave)
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
55
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More