データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ABBTM-2.4GHZ-EVAL データシート(PDF) 1 Page - Abracon Corporation

部品番号 ABBTM-2.4GHZ-EVAL
部品情報  Bluetooth Module Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABRACON [Abracon Corporation]
ホームページ  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-2.4GHZ-EVAL データシート(HTML) 1 Page - Abracon Corporation

  ABBTM-2.4GHZ-EVAL Datasheet HTML 1Page - Abracon Corporation ABBTM-2.4GHZ-EVAL Datasheet HTML 2Page - Abracon Corporation ABBTM-2.4GHZ-EVAL Datasheet HTML 3Page - Abracon Corporation ABBTM-2.4GHZ-EVAL Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bluetooth Module Evaluation Board
HARDWARE DESCRIPTION
DEVICE FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 01.26.12
Visit www.abracon.com for Terms & Conditions of Sale
ABBTM-2.4GHz-EVAL
74.0 x 68.0 mm
This Evaluation Board contains Abracon's ABBTM-
2.4GHz Bluetooth Module, status LEDs, buttons, inter-
faces and power regulator. The ABBTM-2.4GHz device
features include:
• Bluetooth Spec v2.0+EDR Compliant
• CSR BlueCore4 built-in
• Class 2, up to 10-meter range
• Complete 2.4GHz Bluetooth® System
• Power management: low power 1.8V operation for
Bluetooth® core
• Compact size: 26.9mm (L) x 13 (W) mm x 2.2mm (H)
• Bluetooth® Profile Supported: SPP,HSP, HFP, OPP,PBAP
• Internal antenna
• On-board flash memory (8Mbits)
• SPP profile Embedded in the module (for the software
version "F5A34710040F")
• Interface: DB25 Parallel port, DB9 Serial port, USB
interface
• Power Supply: +5V (from USB Port)
• UART Interface: Programmable baud rate up to
3Mbits with an optional by-pass mode
• Connectivity: Bluetooth laptop, computer and
Bluetooth adapters, PDA and other devices for
seamless connectivity (supports SPP service)
• Size: 74mm * 68mm
APPLICATION
For ABBTM-2.4GHz Bluetooth Module - Wireless
serial data transmission (SPP service). Can be used
for engineering evaluation of the ABBTM-2.4GHz
device
EVALUATION BOARD IMAGE
Parameter
Value
Operating Temperature Range
-40ºC to +85ºC
Storage Temperature Range
-40ºC to +85ºC
Relative Humidity (Operating)
< 90%
Relative Humidity (Storage)
< 90%
FUNCTION
This Evaluation Board is designed to program and
configure, Abracon 's ABBTM-2.4GHz Bluetooth
Module; already soldered on the evaluation board.
The user can configure the data input and output.
The ABBTM-2.4GHz-EVAL is Powered Up with a
USB Interface. The user can provide bias to the
evaluation board either via a USB Port of a computer,
or a USB AC-DC Charger.
The ABBTM-2.4GHz Bluetooth Module soldered on
the evaluation board leads to four general I/O ports;
which control (4) Blue LED's used as Status Indica-
tors. Additionally, there are (4) button inputs that
lead to four general I/O ports of the ABBTM-2.4GHz
Module.
ENVIRONMENTAL CONDITIONS


同様の部品番号 - ABBTM-2.4GHZ-EVAL

メーカー部品番号データシート部品情報
logo
Abracon Corporation
ABBTM-2.4GHZ-31-T ABRACON-ABBTM-2.4GHZ-31-T Datasheet
3Mb / 6P
20.0 x 13.0 x 2.0 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-33-T ABRACON-ABBTM-2.4GHZ-33-T Datasheet
2Mb / 4P
29.0 x 25.5 x 2.8 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-51-T ABRACON-ABBTM-2.4GHZ-51-T Datasheet
5Mb / 8P
20.0 x 13.4 x 2.2 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-52-T ABRACON-ABBTM-2.4GHZ-52-T Datasheet
5Mb / 8P
SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
More results

同様の説明 - ABBTM-2.4GHZ-EVAL

メーカー部品番号データシート部品情報
logo
rfsolutions.ltd
GPS-EVAL2R2 RFSOLUTIONS-GPS-EVAL2R2 Datasheet
441Kb / 4P
GPS MODULE EVALUATION BOARD
BRM01 RFSOLUTIONS-BRM01_1 Datasheet
344Kb / 3P
2.4GHZ BLUETOOTH TRANSCEIVER MODULE EVALUATION KIT
logo
Microchip Technology
BM-63-EVB MICROCHIP-BM-63-EVB Datasheet
45Kb / 1P
BM63 Bluetooth Audio Evaluation Board
2016
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
Wireless LAN Module Evaluation Board
WBSBHVGXG TAIYO-YUDEN-WBSBHVGXG Datasheet
610Kb / 8P
Wireless LAN and Bluetooth Module Evaluation Board
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
Bluetooth Module
logo
Abracon Corporation
ACAG0301-24505500-EVB ABRACON-ACAG0301-24505500-EVB Datasheet
1Mb / 4P
Dualband WiFi/Bluetooth Chip Antenna Evaluation Board
08-20-19
logo
STMicroelectronics
EVB-LIV3F STMICROELECTRONICS-EVB-LIV3F Datasheet
86Kb / 4P
Teseo-LIV3F GNSS module Evaluation Board
November 2017 Rev 1
logo
Infineon Technologies A...
CYBLE-343072-EVAL-M2B INFINEON-CYBLE-343072-EVAL-M2B Datasheet
3Mb / 4P
AIROC Bluetooth LE module evaluation kit
Rev. A 08 / 2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com