| データシートサーチシステム |
|
SM320DM6446 データシート(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SM320DM6446 データシート(HTML) 39 Page - Texas Instruments |
|
39 / 228 page ![]() SM320DM6446 Digital Media System-on-Chip www.ti.com SPRS607A – JUNE 2009 – REVISED JUNE 2009 Table 2-18. VLYNQ Terminal Functions SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. VLYNQ EM_CS5/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO8/ T1 I/O/Z DVDD18 For VLYNQ, it is the clock (VLYNQ_CLOCK). VLYNQ_CLOCK EM_CS4/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO9/ T2 I/O/Z DVDD18 For VLYNQ, it is the Serial Clock run request (VLYNQ_SCRUN). VLYNQ_SCRUN EM_A[15]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO16/ P3 I/O/Z DVDD18 For VLYNQ, it is transmit bus bit 3 output VLYNQ_TXD3. VLYNQ_TXD3 EM_A[17]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO14/ R2 I/O/Z DVDD18 For VLYNQ, it is transmit bus bit 2 output VLYNQ_TXD2. VLYNQ_TXD2 EM_A[19]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO12/ R4 I/O/Z DVDD18 For VLYNQ, it is transmit bus bit 1 output VLYNQ_TXD1. VLYNQ_TXD1 EM_A[21]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO10/ T3 I/O/Z DVDD18 For VLYNQ, it is bit 0 of the transmit bus (VLYNQ_TXD0). VLYNQ_TXD0 EM_A[14]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO17/ P4 I/O/Z DVDD18 For VLYNQ, it is receive bus bit 3 input VLYNQ_RXD3. VLYNQ_RXD3 EM_A[16]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO15/ R5 I/O/Z DVDD18 For VLYNQ, it is receive bus bit 2 input VLYNQ_RXD2. VLYNQ_RXD2 EM_A[18]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO13/ P5 I/O/Z DVDD18 For VLYNQ, it is receive bus bit 1 input VLYNQ_RXD1. VLYNQ_RXD1 EM_A[20]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO11/ R3 I/O/Z DVDD18 For VLYNQ, it is receive bus bit 0 input VLYNQ_RXD0. VLYNQ_RXD0 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 39 |