データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B82789C0104H002 データシート(PDF) 10 Page - EPCOS

部品番号 B82789C0104H002
部品情報  SIMDAD 1812, common-mode chokes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0104H002 データシート(HTML) 10 Page - EPCOS

Back Button B82789C0104H002 Datasheet HTML 3Page - EPCOS B82789C0104H002 Datasheet HTML 4Page - EPCOS B82789C0104H002 Datasheet HTML 5Page - EPCOS B82789C0104H002 Datasheet HTML 6Page - EPCOS B82789C0104H002 Datasheet HTML 7Page - EPCOS B82789C0104H002 Datasheet HTML 8Page - EPCOS B82789C0104H002 Datasheet HTML 9Page - EPCOS B82789C0104H002 Datasheet HTML 10Page - EPCOS B82789C0104H002 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
10/08
Cautions and warnings
■
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets.
– Particular attention should be paid to the derating curves given there.
– The soldering conditions should also be observed. Temperatures quoted in relation to wave
soldering refer to the pin, not the housing.
■
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used,
or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation.
■
The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the components.
■
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
■
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11